PART |
Description |
Maker |
MIC5202 MIC5202-3.0BM MIC5202-3.3BM MIC5202-4.8BM |
Dual 100mA Low-Dropout Voltage Regulator(杈???垫?100mA浣??宸???靛?绋冲??? Dual 100mA Low-Dropout Voltage Regulator Preliminary Information DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 Replaced by PT6212 :
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
NTE1903 |
Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA 集成电路端稳压器 12V的,100mA
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
HT7544-1 HT7533-1 HT7536-1 HT7530-1 HT7533 HT7550- |
100mA Voltage Regulator
|
Holtek Semiconductor Inc
|
SMLM317L |
100mA Adjustable Voltage Regulator
|
SeCoS Halbleitertechnologie GmbH
|
SCLM317L |
100mA Adjustable Voltage Regulator
|
SeCoS Halbleitertechnologie GmbH
|
SN79L05 SN79L05F SN79L05L SN79L06 SN79L06F SN79L06 |
3 Terminal Negative Voltage Regulator [100mA]
|
KODENSHI KOREA CORP.
|
LM79124Z LM79LXX |
27-38V 100mA negative voltage regulator
|
BayLinear
|
GSCLM2931 |
100mA Low Dropout Adjustable Voltage Regulator
|
GTM CORPORATION
|
IL3480 |
100mA, Quasi Low-Dropout Voltage Regulator
|
IK Semicon Co., Ltd
|
GSCLM317L |
100mA ADJUSTABLE VOLTAGE REGULATOR 1 0 0mA A D J U S TA B L E VO LTAG E R EG U L AT O R
|
GTM CORPORATION E-Tech Electronics LTD
|
|